PART |
Description |
Maker |
C8107 |
3 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
C8110 |
4 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
117-97-620-41-005 117-97-624-41-005 217-99-764-41- |
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾 Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes 2#12 FEP SH FEP RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No ShrinkdipsocketsOpenandclosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
440LD33 125LD33 25Y 440LT68 125L 125LD10 125LD15 1 |
RES 4.7K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 交流线路额定光盘电容 AC Line Rated Disc Capacitors 交流线路等级盘状电容 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:88ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:40ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Rotary Switch; No. of Switch Positions:11; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:11; Switch Features:30 degrees Indexing; Switch Function:SPDT RES NET BUSSED 56K OHM 8-SIP
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1346005 |
22 AWG stranded (7x30) TC conductor, FEP insulation
|
List of Unclassifed Man...
|
M36W108AT120ZM6T M36W108AB100ZM6T M36W108AT100ZM6T |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid RoHS Compliant: Yes 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product 81兆8,启动块闪存1兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
RG302-U |
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
|
Pasternack Enterprises, Inc.
|
121-101-1-1-06BFSE 121-101-2-1-06BFSE 121-101-1-1- |
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
C8104 |
Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shield and PVDF Jacketed Plenum Cable
|
General Cable Technologies Corporation
|
PE-P086LL |
Low Loss Flexible Version 086 Semi-rigid Coax Cable Double Shielded with Gray FEP Jacket
|
Pasternack Enterprises, Inc.
|
PCH-27-103L PCH-27-104L PCH-27-105L PCH-27-106L PC |
Axial Lead Power Chokes Power inductor, 10% tol, RoHS 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 8200 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2700 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Power inductor, 10% tol, RoHS 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
C8102 |
Tinned Copper conductor, FEP Insulation, conductors cabled and Plenum-PVC Jacketed Plenum Cable
|
General Cable Technologies Corporation
|
|